PART |
Description |
Maker |
BD5233G_FVE BD5335G_FVE BD5358G_FVE BD5346G_FVE BD |
Voltage detector, 2.7V Voltage detector, 3.1V Voltage detector, 5.5V Voltage detectors > CMOS Voltage detector IC with external C delay circuit (Open Drain output type) Voltage detectors > CMOS Voltage detector IC with external C delay circuit (CMOS output type) VOLTAGE DETECTOR IC with adjustable delay time Voltage detector, 4.2V Voltage detector, 2.9V Voltage detector, 3.7V Voltage detector, 3.6V Voltage detector, 3.2V Voltage detector, 5.2V Voltage detector, 5.9V
|
etc ROHM Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
NJM78L00 NJM78L00A NJM78L00EA NJM78L00UA NJM78L08A |
6 V FIXED POSITIVE REGULATOR, PBCY3 3-Terminal Positive Voltage Regulator(18V端正电压稳压 三端正电压稳压器8V的三端正电压稳压器) 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3-Terminal Positive Voltage Regulator(24V端正电压稳压 三端正电压稳压器4V的,3端正电压稳压器) 三端正电压稳压器5V的,3端正电压稳压器) 3-Terminal Positive Voltage Regulator(2.6V端正电压稳压 3-Terminal Positive Voltage Regulator(8V端正电压稳压 FIXED POSITIVE REGULATOR, PDSO8
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
RE46C190 RE46C190S16F |
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
|
Microchip Technology
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
KA78L10 KA78L10A KA78L10AZ KA78L05AAZBU KA78L05AAZ |
5.0 AMP POSITIVE VOLTAGE REGULATOR 24 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 10 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 SMT CRCW04027500FRT1 RES0402 750 0.01 1/ RESISTOR 6.8K SMT 0402 CHIP 1/16W 5% THICK FILM 3-terminal 0.1A positive voltage regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
MCP111 MCP112 MCP111-195 MCP112T-475E MCP111T-195I |
The MCP111/112 Series are CMOS voltage detectors are well suited for portable, consumer electrics applications due to the extremely ... Micropower Voltage Detector
|
MICROCHIP[Microchip Technology]
|
ELM7648LBB-N ELM7648LBB-S ELM7630LAB-N ELM7630LAB- |
CMOS Voltage detector with delay function
|
ELM Technology Corporation
|
XC6101 XC6102 XC6111 XC6103 XC6104 XC6105 XC6106 X |
(XC6101 - XC6117) CMOS Voltage Detector
|
Torex Semiconductor
|